Part Number Hot Search : 
ML4658CP 0G101 AT138 1505D MEAPRD 2SC43 AD380JH TDA73
Product Description
Full Text Search
 

To Download MIMD10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30381 rev. 4 - 2 1 of 3 MIMD10A www.diodes.com  diodes incorporated  epitaxial planar die construction  built-in biasing resistors  one 500ma pnp and one 100ma npn  lead free product characteristic symbol value unit supply voltage v cc -50 v input voltage v in -5 to +5 v output current i o -500 ma features maximum ratings pnp section tr1 @ t a = 25  c unless otherwise specified a m j l d b c h k g f e 1 c 2 b 1 c 1 e 2 b 2 mechanical data  case: sot-363, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: finish - matte tin (note 1) solderable per mil-std-202, method 208  marking code: c73 (see page 2)  ordering & date code: see page 2  terminal connections: see diagram  weight: 0.015 grams (approx.) t c u d o r p w e n p/n r1 r2 MIMD10A tr1 tr2 0.1k 10k 10k - r 1 r 1 r 2 t r2 t r1 schematic diagram MIMD10A dual pre-biased transistors for power management maximum ratings npn section tr2 @ t a = 25  c unless otherwise specified characteristic symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5v collector current i c 100 ma maximum ratings - total characteristic symbol value unit power dissipation (note 2) p d 200 mw operating and storage temperature range t j ,t stg -55 to +150 c @ t a = 25  c unless otherwise specified sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j  0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25  0 8  all dimensions in mm note: 1. if lead-bearing terminal plating is required, please contact your diodes inc. sales representative for availabilit y and minimum order details. 2. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
ds30381 rev. 4 - 2 2 of 3 MIMD10A www.diodes.com characteristic symbol min typ max unit test condition input voltage v l(off) -0.3  v v cc = -5v, i o = -100  a v l(on)  -1.5 v o = 0.3, i o = -100ma output voltage v o(on)  -0.1 -0.3 v i o = -100ma/-5ma input current i l  -25 ma v i = -2v output current i o(off)  -0.5  a v cc = -50v, v i = 0v dc current gain g l 68   gain-bandwidth product* f t  200  mhz v ce = -10v, i e = -50ma, f = 100mhz electrical characteristics pnp section tr1 @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only electrical characteristics npn section tr2 @ t a = 25  c unless otherwise specified characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo 50  v i c = 50  a collector-emitter breakdown voltage bv ceo 50  v i c = 1ma emitter-base breakdown voltage bv ebo 5  v i e = 50  a collector cutoff current i cbo  0.5  a v cb = 50v emitter cutoff current i ebo  0.5  a v eb = 4v collector-emitter saturation voltage v ce(sat)  0.3 v i c /i b = 10ma / 1.0ma dc current transfer ratio h fe 100 250 600  i c = 1ma, v ce = 5v gain-bandwidth product* f t  250  mhz v ce = 10v, i e = -5ma, f = 100mhz * transistor - for reference only date code key c73 = product type marking code ym = date code marking y = year ex: p = 2003 m = month ex: 9 = september c73 ym marking information device packaging shipping MIMD10A-7 sot-363 3000/tape & reel ordering information (notes 1 and 3) month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2003 2004 2005 2006 2007 2008 2009 2010 2011 code prstu vw x y notes: 1. if lead-bearing terminal plating is required, please contact your diodes inc. sales representative for availabilit y and minimum order details. 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
ds30381 rev. 4 - 2 3 of 3 MIMD10A www.diodes.com t c u d o r p w e n 1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 0 1 234 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 75c 25c 0.001 0 1 2 3 4 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 10 5 15 25 i=0ma e 10 1000 100 1 1 10 100 hfe, dc current gain (normalized) i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d (total package) typical curves - tr2


▲Up To Search▲   

 
Price & Availability of MIMD10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X